PART |
Description |
Maker |
IT3D-100S-BGA37 IT3M-100S-BGA37 IT3-100S-BGA37 IT3 |
High-Speed(10 Gbps) BGA Mezzanine Connectors
|
Hirose Electric
|
5-2057461-1 |
STRADA Mesa Mezzanine Connectors; SM RCP 56PR/184SP6 ( Tyco Electronics )
|
Tyco Electronics
|
5-2057471-1 |
STRADA Mesa Mezzanine Connectors; SM RCP 32PR/109S 84 HD P6 ( Tyco Electronics )
|
Tyco Electronics
|
10HSI-S008-R0-C |
IT3 Mezzanine Connector (32mm)
|
Hirose Electric
|
DA1-R-010-L-9 DA1-P-010-L-9 DA1-R-010-M-9 DA1-P-01 |
DA1 SERIES CONNECTORS - 0.60mm (.024) Contact Spacing, PCB-to-Cable Connectors
|
Japan Aviation Electronics Industry, Ltd.
|
6-1123723-3 6-1123723-4 6-1123723-8 6-1123723-9 6- |
WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
|
Tyco Electronics
|
LTC4210 LTC4211 LTC4215 LTC4223CDHD-2PBF LTC4223CD |
Dual Supply Hot Swap Controller for Advanced Mezzanine Card
|
Linear Technology
|
DS9076-40 DS9072 DS9072-40V DS9072-72V DS9072H-40R |
SipStik Connectors SIP Stik Connectors
|
MAXIM - Dallas Semiconductor DALLAS[Dallas Semiconductor]
|
ADP1110 ADP1110AN ADP1110AN-12 ADP1110AN-33 ADP111 |
Micropower/ Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V/ 5 V/ 12 V Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Thread Size:PG 29; Connecting Termination:Screw; Gender:Male; No. of Contacts:48; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes Circular Connector Cable Assembly; Connector Type A:Circular Receptacle; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 90 kHz SWITCHING FREQ-MAX, PDIP8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
0717423001 71742-3001 |
1.00mm (.039") Pitch Mezzanine Receptacle, Surface Mount, Dual Row, VerticalStacking, 84 Circuits 1.00mm (.039) Pitch Mezzanine Receptacle, Surface Mount, Dual Row, VerticalStacking, 84 Circuits
|
Molex Electronics Ltd.
|